Part Number Hot Search : 
001TB P0433T V400BT KS0678 H682J XN4314 C102M 2SK3511
Product Description
Full Text Search
 

To Download 74LVCH16543APAG8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial temperature range idt74lvch16543a 3.3v cmos 16-bit registered transceiver with 3-state outputs 1 january 2004 industrial temperature range the idt logo is a registered trademark of integrated device technology, inc. ? 2004 integrated device technology, inc. dsc-4612/2 features: ? typical t sk(o) (output skew) < 250ps ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ?v cc = 3.3v 0.3v, normal range ?v cc = 2.7v to 3.6v, extended range ? cmos power levels (0.4 w typ. static) ? all inputs, outputs, and i/o are 5v tolerant ? supports hot insertion ? available in ssop and tssop packages functional block diagram drive features: ? high output drivers: 24ma ? reduced system switching noise applications: ? 5v and 3.3v mixed voltage systems ? data communication and telecommunication systems idt74lvch16543a description the lvch16543a 16-bit registered transceiver is built using advanced dual metal cmos technology. the lvch16543a can be used as two 8-bit transceivers or one 16-bit transceiver. separate latch-enable ( leab or leba ) and output-enable ( oeab or oeba ) inputs are provided for each register to permit independent control in either direction of data flow. the a-to-b enable ( ceab ) input must be low in order to enter data from the a port or to output data from the b port. leab controls the latch function. when leab is low, the a to b latches are transparent. a subsequent low-to-high transition of leab puts the a latches in the storage mode. oeab performs output enable function on the b port. data flow from the b port to the a port is similar but requires using ceba , leba , and oeba inputs. flow-through organization of signal pins simplifies layout. all inputs are designed with hysteresis for improved noise margin. all pins of this 16-bit registered transceiver can be driven from either 3.3v or 5v devices. this feature allows the use of this device as a translator in a mixed 3.3v/5v supply system. the lvch16543a has been designed with a 24ma output driver. this driver is capable of driving a moderate to heavy load while maintaining speed performance. the lvch16543a has ?bus-hold? which retains the inputs? last state whenever the input goes to a high impedance. this prevents floating inputs and eliminates the need for pull-up/down resistors. 3.3v cmos 16-bit registered transceiver with 3-state outputs, 5 volt tolerant i/o, bus-hold 1 b 1 1 leab 1 ceab 1 oeab 1 leba 1 ceba 1 oeba to seven other channels 1 a 1 2 b 1 2 leab 2 ceab 2 oeab 2 leba 2 ceba 2 oeba 2 a 1 56 54 55 1 3 2 5 29 31 30 28 26 27 15 42 52 c1 1d c1 1d c1 1d to seven other channels c1 1d
industrial temperature range 2 idt74lvch16543a 3.3v cmos 16-bit registered transceiver with 3-state outputs ssop/ tssop top view pin configuration symbol description max unit v term terminal voltage with respect to gnd ?0.5 to +6.5 v t stg storage temperature ?65 to +150 c i out dc output current ?50 to +50 ma i ik continuous clamp current, ?50 ma i ok v i < 0 or v o < 0 i cc continuous current through each 100 ma i ss v cc or gnd absolute maximum ratings (1) note: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. note: 1. these pins have "bus-hold". all other pins are standard inputs, outputs, or i/os. note: 1. as applicable to the device type. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 4.5 6 pf c out output capacitance v out = 0v 6.5 8 pf c i/o i/o port capacitance v in = 0v 6.5 8 pf capacitance (t a = +25c, f = 1.0mhz) 1 oeab gnd 1 a 1 1 a 2 v cc 1 a 3 1 a 4 gnd 1 a 5 1 a 6 gnd v cc 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 48 49 50 51 52 53 54 55 56 1 gnd 2 ceab 25 26 27 28 32 31 30 29 1 leab 1 ceab 1 a 7 1 a 8 2 a 1 2 a 2 2 a 3 2 a 4 2 a 5 2 a 6 2 a 7 2 a 8 2 leab 2 oeab 1 oeba gnd 1 b 1 1 b 2 v cc 1 b 3 1 b 4 gnd 1 b 5 1 b 6 gnd v cc gnd 2 ceba 1 leba 1 ceba 1 b 7 1 b 8 2 b 1 2 b 2 2 b 3 2 b 4 2 b 5 2 b 6 2 b 7 2 b 8 2 leba 2 oeba notes: 1. h = high voltage level l = low voltage level x = don?t care z = high-impedance 2. a-to-b data flow is shown. b-to-a data flow is similar but uses xceba , xleba , and xoeba . 3. before xleab low-to-high transition. inputs latch status output buffers x ceab x leab x oeab xax to xbx xbx h x x storing high z x x h storing high z l l l transparent c urrent a inputs l h l storing previous (3) a inputs l l h transparent high z l h h storing high z x h x storing not recommended function table (each 8-bit section) (1,2) pin names description x oeab a-to-b output enable input (active low) x oeba b-to-a output enable input (active low) x ceab a-to-b enable input (active low) x ceba b-to-a enable input (active low) x leab a-to-b latch enable input (active low) x leba b-to-a latch enable input (active low) x a x a-to-b data inputs or b-to-a 3-state outputs (1) x b x b-to-a data inputs or a-to-b 3-state outputs (1) pin description
industrial temperature range idt74lvch16543a 3.3v cmos 16-bit registered transceiver with 3-state outputs 3 symbol parameter test conditions min. typ. (1) max. unit v ih input high voltage level v cc = 2.3v to 2.7v 1.7 ? ? v v cc = 2.7v to 3.6v 2 ? ? v il input low voltage level v cc = 2.3v to 2.7v ? ? 0.7 v v cc = 2.7v to 3.6v ? ? 0.8 i ih input leakage current v cc = 3.6v v i = 0 to 5.5v ? ? 5a i il i ozh high impedance output current v cc = 3.6v v o = 0 to 5.5v ? ? 10 a i ozl (3-state output pins) i off input/output power off leakage v cc = 0v, v in or v o 5.5v ? ? 50 a v ik clamp diode voltage v cc = 2.3v, i in = ?18ma ? ?0.7 ?1.2 v v h input hysteresis v cc = 3.3v ? 100 ? mv i ccl quiescent power supply current v cc = 3.6v v in = gnd or v cc ?? 10a i cch i ccz 3.6 v in 5.5v (2) ?? 10 ? i cc quiescent power supply current one input at v cc - 0.6v, other inputs at v cc or gnd ? ? 500 a variation dc electrical characteristics over operating range following conditions apply unless otherwise specified: operating condition: t a = ?40c to +85c notes: 1. typical values are at v cc = 3.3v, +25c ambient. 2. this applies in the disabled state only. bus-hold characteristics symbol parameter (1) test conditions min. typ. (2) max. unit i bhh bus-hold input sustain current v cc = 3v v i = 2v ? 75 ? ? a i bhl v i = 0.8v 75 ? ? i bhh bus-hold input sustain current v cc = 2.3v v i = 1.7v ? ? ? a i bhl v i = 0.7v ? ? ? i bhho bus-hold input overdrive current v cc = 3.6v v i = 0 to 3.6v ? ? 500 a i bhlo notes: 1. pins with bus-hold are identified in the pin description. 2. typical values are at v cc = 3.3v, +25c ambient.
industrial temperature range 4 idt74lvch16543a 3.3v cmos 16-bit registered transceiver with 3-state outputs note: 1. v ih and v il must be within the min. or max. range shown in the dc electrical characteristics over operating range table for the appropriat e v cc range. t a = ? 40c to + 85c. output drive characteristics symbol parameter test conditions (1) min. max. unit v oh output high voltage v cc = 2.3v to 3.6v i oh = ? 0.1ma v cc ? 0.2 ? v v cc = 2.3v i oh = ? 6ma 2 ? v cc = 2.3v i oh = ? 12ma 1.7 ? v cc = 2.7v 2.2 ? v cc = 3v 2.4 ? v cc = 3v i oh = ? 24ma 2 ? v ol output low voltage v cc = 2.3v to 3.6v i ol = 0.1ma ? 0.2 v v cc = 2.3v i ol = 6ma ? 0.4 i ol = 12ma ? 0.7 v cc = 2.7v i ol = 12ma ? 0.4 v cc = 3v i ol = 24ma ? 0.55 operating characteristics, v cc = 3.3v 0.3v, t a = 25c symbol parameter test conditions typical unit c pd power dissipation capacitance per transceiver outputs enabled c l = 0pf, f = 10mhz 44 pf c pd power dissipation capacitance per transceiver outputs disabled 4 switching characteristics (1) v cc = 2.7v v cc = 3.3v 0.3v symbol parameter min. max. min. max. unit t plh propagation delay, transparent mode ? 6.1 1.2 5.4 ns t phl xax to xbx or xbx to xax t plh propagation delay ? 7.4 1.5 6.1 ns t phl x leba to xax, x leab to xbx t pzh output enable time ? 7.9 1.2 6.6 ns t pzl x ceba or x ceab to xax or xbx t pzh output enable time ? 7.6 1 6.3 ns t pzl x oeba or x oeab to xax or xbx t phz output disable time ? 7.1 1.5 6.6 ns t plz x ceba or x ceab to xax or xbx t phz output disable time ? 6.9 1.5 6.3 ns t plz x oeba or x oeab to xax or xbx t su set-up time, data before ce 1.1 ? 1.1 ? ns t su set-up time, data before le , ce low 1.1 ? 1.1 ? ns t h hold time, data after ce 1.9 ? 1.9 ? ns t h hold time, data after le , ce low 1.9 ? 1.9 ? ns t w pulse duration, x leba or x leab , x ceba or x ceab low 3.3 ? 3.3 ? ns t sk (o) output skew (2) ?? ? 500 ps notes: 1. see test circuits and waveforms. t a = ? 40c to + 85c. 2. skew between any two outputs of the same package and switching in the same direction.
industrial temperature range idt74lvch16543a 3.3v cmos 16-bit registered transceiver with 3-state outputs 5 open v load gnd v cc pulse generator d.u.t. 500 ? 500 ? c l r t v in v out (1, 2) lvc link input v ih 0v v oh v ol t plh1 t sk (x) output 1 output 2 t phl1 t sk (x) t plh2 t phl2 v t v t v oh v t v ol t sk (x) = t plh2 - t plh1 or t phl2 - t phl1 lvc link same phase input transition opposite phase input transition 0v 0v v oh v ol t plh t phl t phl t plh output v ih v t v t v ih v t lvc link data input 0v 0v 0v 0v t rem timing input asynchronous control synchronous control t su t h t su t h v ih v t v ih v t v ih v t v ih v t lvc link low-high-low pulse high-low-high pulse v t t w v t lvc link control input t plz 0v output normally low t pzh 0v switch closed output normally high enable disable switch open t phz 0v v lz v oh v t v t t pzl v load/2 v load/2 v ih v t v ol v hz lvc link test circuits and waveforms propagation delay test circuit for all outputs enable and disable times set-up, hold, and release times notes: 1. for t sk (o) output1 and output2 are any two outputs. 2. for t sk (b) output1 and output2 are in the same bank. definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. pulse generator for all pulses: rate 10mhz; t f 2.5ns; t r 2.5ns. 2. pulse generator for all pulses: rate 10mhz; t f 2ns; t r 2ns. output skew - t sk ( x ) pulse width note: 1. diagram shown for input control enable-low and input control disable-high. symbol v cc (1) = 3.3v0.3v v cc (1) = 2.7v v cc (2) = 2.5v0.2v unit v load 6 6 2 x vcc v v ih 2.7 2.7 vcc v v t 1.5 1.5 vcc / 2 v v lz 300 300 150 mv v hz 300 300 150 mv c l 50 50 30 pf test conditions switch position test switch open drain disable low v load enable low disable high gnd enable high all other tests open
industrial temperature range 6 idt74lvch16543a 3.3v cmos 16-bit registered transceiver with 3-state outputs ordering information corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 logichelp@idt.com santa clara, ca 95054 fax: 408-492-8674 (408) 654-6459 www.idt.com idt xx lvc xxxx xx package device type temp. range pv pa 16 74 shrink small outline package thin shrink small outline package 16-bit registered transceiver with 3-state outputs, 5v tolerant i/o -40c to +85c xxx family bus-hold 543a bus-hold double-density, 24ma h


▲Up To Search▲   

 
Price & Availability of 74LVCH16543APAG8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X